Part Number Hot Search : 
H1300 30KP360A H1300 75M035 2SC4466 H1300 16211AE OV156
Product Description
Full Text Search
 

To Download APTR3216SRCPRV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2x1.6mm SMD CHIP LED LAMP
Part Number: APTR3216SRCPRV Super Bright Red
Features
3.2mmx1.6mm SMT LED,1.05mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VAVRIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subject to change without notice. 4.The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAC0365 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/09/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1203002412
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APTR3216SRCPRV Super Bright Red (GaAlAs) WATER CLEAR 36 Typ. 80 Viewing Angle [1] 21/2 120
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 1.85 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Red 75 30 155 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAC0365 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/09/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1203002412
Super Bright Red
APTR3216SRCPRV
SPEC NO: DSAC0365 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/09/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1203002412
APTR3216SRCPRV
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAC0365 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/09/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1203002412
PACKING & LABEL SPECIFICATIONS
APTR3216SRCPRV
SPEC NO: DSAC0365 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/09/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1203002412


▲Up To Search▲   

 
Price & Availability of APTR3216SRCPRV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X